PART |
Description |
Maker |
50WQ03FNTR 50WQ03FNTRL 50WQ03FN 50WQ03FNTRR |
30V 5.5A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER
|
International Rectifier
|
322CNQ030_03 322CNQ030 |
30V 300A Schottky Discrete Diode in a TO-249AA Non-Isolated package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
30LJQ150 |
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 30 Amp, 150V 30V 150A Hi-Rel Schottky Discrete Diode in a SMD-0.5 package
|
http:// IRF[International Rectifier]
|
30SLJQ030SCS |
30V 30A Hi-Rel Schottky Discrete Diode in a SMD-0.5 package DLA Number 1N7078U3
|
International Rectifier
|
16SCYQ030C |
16A 30V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SCHOTTKY RECTIFIER 16 Amp, 30V
|
International Rectifier
|
8TQ080S 8TQ100S 8TQ 8TQ10 8TQ100STRR 8TQ080STRR |
16 A SPDT MINIATURE POWER RELAY SCHOTTKY RECTIFIER 100V 8A Schottky Discrete Diode in a D2-Pak package 80V 8A Schottky Discrete Diode in a D2-Pak package
|
IRF[International Rectifier]
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
31DQ10TR 31DQ09 31DQ09TR 31DQ10 |
SCHOTTKY RECTIFIER 肖特基整流器 100V 3.3A Schottky Discrete Diode in a DO-201AD package 90V 3.3A Schottky Discrete Diode in a DO-201AD package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STS4DPFS30L |
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P通道30V 0.07ohm -ASO - 8 MOSFET的普乐士STripFET⑩肖特基整流 P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
90SQ035 90SQ045 90SQ 90SQ040 90SQ040TR 90SQ045TR |
45V 9A Schottky Discrete Diode in a DO-204AR package 40V 9A Schottky Discrete Diode in a DO-204AR package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
CDBV3-54C-HF |
Halogen Free Small Signal Schottky, V-RRM=30V, V-R=30V, I-O=0.2mA
|
Comchip Technology
|
CDBER54-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=30V, V-R=30V, I-O=0.2A
|
Comchip Technology
|